Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download UVP1A221MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VP
Bi-Polarized
series
Standard bi-polarized series for entertainment electronics. Adapted to the RoHS directive (2002/95/EC).
ET
High Temperature
VP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 6.3 ~ 100V 0.47 ~ 6800F 20% at 120Hz, 20C After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (A), whichever is greater.
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V) tan (MAX.) Measurement frequency : 120Hz, Temperature : 20C
6.3 0.26
10 0.24
16 0.22 6.3 4 10 10 3 8
25 0.20 16 2 6
35 0.16 25 2 5
50 0.14 35 2 4 50 2 4
63 0.12 63 2 3
100 0.10 100 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 85C with the polarity inverted every 250 hours,capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 10V 47F)
Bd
Sleeve (P.E.T.)
+0.5 MAX
UVP 1 A 4 7 0 MDD
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance ( 20%) Rated Capacitance (47F) Rated voltage (10V) Series name Type
BD
(B6.3up)
Pressure reliefvent
L+ MAX
15MIN
BD Bd
4MIN (mm)
(L < 20) 1.5 > (L = 20) 2.0
P
5 6.3 8 10 12.5 16 18 2.0 2.5 3.5 5.0 5.0 7.5 7.5 0.5 0.5 0.6 0.6 0.6 0.8 0.8
* Please refer to page 21 about the end seal configulation.
Configuration Pb-free leadwire BD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
VP
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 11 17 25 27 34 52 89 105 150 480 650 835
63 1J
100 2A 5 x 11 5 x 11 6.3 x 11 14 21 34 39 47 71 135 220 240 425 720
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800
R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 332 472 682 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 16 x 25 64 76 125 215 265 370 1160 1570 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 16 16 x 25 57 64 76 125 215 345 410 1280 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 42 57 70 95 160 275 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 42 65 80 95 160 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 34 43 73 100 120 230 505 655
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 16 x 25 16 x 31.5 18 x 35.5
28 34 57 95
6.3 x 11 6.3 x 11 8 x 11.5 10 x 16
5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 16 x 25 16 x 31.5
135 12.5 x 20 180 12.5 x 20 320 575 655 965 16 x 25 18 x 35.5
265 12.5 x 20
305 12.5 x 20 450 12.5 x 20 540 12.5 x 25 950
410 12.5 x 25
375 12.5 x 20 485 12.5 x 20 855 16 x 25
650 12.5 x 20
720 12.5 x 25
16 x 31.5 1140
222 12.5 x 25
16 x 31.5 1510 18 x 35.5 1980
18 x 35.5 1620
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 85C 120Hz
16 x 31.5 1690 18 x 35.5 2160
16 x 31.5 2020 18 x 35.5 2600
Frequency coefficient of rated ripple current
Cap.(F) Frequency
50 Hz 0.75 0.80 0.85
120 Hz 1.00 1.00 1.00
300 Hz 1.35 1.23 1.10
1 kHz 1.57 1.34 1.13
10 kHz ~ 2.00 1.50 1.15
0000 ~ 4700 0100 ~ 4700 1000 ~ 6800
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UVP1A221MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X